PART |
Description |
Maker |
PI74ALPT16244AX PI74ALPT16244KX |
ALPT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PERICOM SEMICONDUCTOR CORP
|
74VHCT126PW 74VHC126BQ 74VHCT126BQ 74VHC126PW |
Quad buffer/line driver; 3-state Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHC/VHC/H/U/V SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
NXP Semiconductors N.V.
|
74ABT162240 74ABT162240DGG 74ABT162240DL BT162240D |
16-bit inverting buffer/driver with 30ohm series termination resistors ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-Bit Inverting Buffer/Driver With 30Ω Series Termination Resistors(0Ω系列电阻6位反相缓冲器/驱动 Octal bus transceivers 20-SOIC 0 to 70
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PI74AVC16244AE PI74AVC16244KE PI74AVC1624406 PI74A |
AVC SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 0.240 INCH, PLASTIC, TSSOP-48 AVC SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 0.173 INCH, PLASTIC, TVSOP-48 2.5V 16-Bit Buffer Driver with 3-State Outputs
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corporation Pericom Semiconductor C...
|
IDT74FCT163344APA IDT74FCT163344APC IDT74FCT163344 |
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER FCT SERIES, QUAD 2-BIT DRIVER, TRUE OUTPUT, PDSO56 3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER FCT SERIES, QUAD 2-BIT DRIVER, PDSO56
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74HC125AD MC74HC125ADT MC74HC125AN MC74HC125A HC |
HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP14 From old datasheet system Quad 3-State Noninverting Buffers
|
Motorola, Inc. MOTOROLA[Motorola Inc]
|
74LVX125MTC 74LVX125SJ 74LVX125 74LVX125M 74LVX125 |
Low Voltage Quad Buffer with 3-STATE Outputs LV/LV-A/LVX/H SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVT162244 74LVTH162244MTX 74LVT162244G 74LVT1622 |
Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MM74HC125M MM74HC125MTC MM74HC125N MM74HC125SJ MM7 |
MM74HC125, MM74HC126 3-STATE Quad Buffers 3-STATE Quad Buffers; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp.
|
CD74FCT162240ATSM96 |
FCT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
HARRIS SEMICONDUCTOR
|
74LVT16240A-1DGG |
LVT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
NXP SEMICONDUCTORS
|